Part Number Hot Search : 
AD977 2EZ11 C1473 50OHM AD977 23226333 25C02 X3100
Product Description
Full Text Search
 

To Download 331100003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K 3 Series Thumbwheel Switches
Features/Benefits * Most complete product offering in the industry * Spacers available to fit most panel cutouts * Front or rear mounting options Typical Applications * Test & measurement equipment * Industrial equipment * Computer devices
Specifications
CONTACT RATING: CARRY: 1 AMP continuous. SWITCH: 100 mA max. OPERATING VOLTAGE: 50 mV to 28 V DC or 120 V AC. ELECTRICAL LIFE: 100,000 actuations. CONTACT RESISTANCE: Below 100 m typ. initial @ 2-4 V DC, 100 mA. INSULATION RESISTANCE: 109 min. DIELECTRIC STRENGTH: 500 Vrms min. @ sea level between common terminal and any output. OPERATING TEMPERATURE: -10C to 65C.
Materials
HOUSING: ABS plastic. THUMBWHEEL: ABS plastic. ROTOR CONTACTS: Precious metal on copper alloy. STATOR CONTACTS: Hard gold over nickel over copper on epoxy fiberglass.
NOTE: Specifications and materials listed above are for switches with standard options For information on specific and custom switches, consult Customer Service Center.
* Note: All models listed are RoHS compliant. See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages N-9 thru N-12. For additional options not shown in catalog, consult Customer Service Center. Consult factory for illumination availability.
Thumbwheel & Pushwheel
Series 3 Thumbwheel switch Number of Sections 0 Switch section 1 1 Switch section 2 2 Switch sections 3 3 Switch sections 4 4 Switch sections 5 5 Switch sections 6 6 Switch sections 7 7 Switch sections 8 8 Switch sections 9 More than 8 switch sections
Function Code 11 Decimal, SP, 10 position 14 Resistor decade 21 BCD, 10 position 23 Complement of BCD, 10 position 27 BCD, 10 position 31 BCD, 10 position 71 BCH, 16 position
Mounting Style 00 Snap-in, front mount 09 Snap-in, front mount* 10 Rear mount Terminations 19 Rear mount* 0 Type 0 20 Rear mount 1 Type 1, extended type 0 29 Rear mount* N Solder pins with .100" spacing** P Solder pins with .156" spacing** 9 Any combination Color/Marking/Stops 0 Matte black body, gloss black wheel, white marking
N
*X9 mounting styles must be ordered with `0' number of sections.
** Note: Termination option N (RoHS compliant) replaced termination option 3 (Non-RoHS compliant). Termination option P (RoHS compliant) replaced termination option B (Non-RoHS compliant).
Seal 0 No seal 1 Sealed contacts 2 Dust lens 3 Sealed contacts & dust lens
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
N-8
www.ittcannon.com
C&K 3 Series Thumbwheel Switches
SERIES
3
THUMBWHEEL SWITCHES
NUMBER OF SECTIONS
0 1-8 9
Switch section only, no assembly. Blank bodies are considered sections; endplates are not sections. Must be ordered with 09 or 19 mounting style options, see pages N-10 and N-11. Number of switch sections in assembly, includes endplates. More than 8 switch sections, specify on CONFIGURATION FORM, page N-15 and consult Customer Service Center.
Thumbwheel & Pushwheel
NOTE: Endplates and blank sections available separately, see pages N-13 and N-14.
FUNCTION CODE
11
DECIMAL-1 POLE; 10 POSITION
14
RESISTOR DECADE; 1-2-2-2-2 CODE (RESISTORS NOT SUPPLIED)
21
BCD 1-2-4-8; 10 POSITION
N
Available Terminations: 0, 1, N See fig. 1, page N-12. Available Terminations: 1 See fig. 1, page N-12. Available Terminations: 0, 1, N See fig. 1, page N-12.
NOTE: For terminal location diagram, see page N-12.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
N-9
www.ittcannon.com
C&K 3 Series Thumbwheel Switches
FUNCTION CODE
23
COMPLEMENT OF BCD 1-2-4-8; 10 POSITION
27
BCD 1-2-4-8; 10 POSITION
31
BCD 1-2-4-8; 10 POSITION
71
BINARY CODED HEXADECIMAL, 16 POSITION
Available Terminations: 0, 1, N See fig. 1, page N-12.
Available Terminations: P See fig. 2, page N-12.
Available Terminations: 0, 1, N See fig. 1, page N-12.
Available Terminations: 0, 1, N See fig. 1, page N-12. NOTE: For terminal location diagram, see page N-12.
MOUNTING STYLE
Type 0 Snap-In Front Mount
PANEL MOUNTING
Thumbwheel & Pushwheel
MOUNTING STYLE 00
DIM. `A' (.315 x N) + .326 (8,00 x N) + (8,28)
N = Number of sections. Recommended panel thickness: 0.46-.125 (1,16-3,18)
00
SWITCH ASSEMBLY W/ ENDPLATES-.315 (8,00) SECTION PITCH
N
09
SWITCH SECTION ONLY-UNASSEMBLED WITHOUT ENDPLATES OR SPACERS (Must be ordered with number of sections option "0", see Page N-9.)
N = Number of sections.
NOTE: Endplates, blank sections, spacers and assembly hardware available separately, see pages N-13 and N-14.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
N-10
www.ittcannon.com
C&K 3 Series Thumbwheel Switches
MOUNTING STYLE
Type 1 Rear Mount
MOUNTING STYLE 10 DIM. `A' (.350 x N) + .340 (8,89 x N) + (8,64) DIM. `B' Mtg. Holes (.350 x N) + .560 (8,89 x N) + (14,22) PANEL MOUNTING
N = Number of sections. Recommended panel thickness: 0.46-.125 (1,16-3,18)
10
SWITCH ASSEMBLY W/ ENDPLATES-.350 (8,89) SECTION PITCH
N = Number of sections.
19
SWITCH SECTION ONLY-UNASSEMBLED WITHOUT ENDPLATES OR SPACERS (Must be ordered with number of sections option "0", see Page N-9.)
Thumbwheel & Pushwheel
Type 2 Rear Mount
20
SWITCH ASSEMBLY W/ ENDPLATES-.350 (8,89) SECTION PITCH
N = Number of sections.
29
SWITCH SECTION ONLY-UNASSEMBLED WITHOUT ENDPLATES OR SPACERS (Must be ordered with number of sections option "0", see Page N-9.)
N
NOTE: Endplates, blank sections, spacers and assembly hardware available separately, see pages N-13 and N-14.
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
N-11
www.ittcannon.com
C&K 3 Series Thumbwheel Switches
TERMINATIONS
0
TYPE 0
1
TYPE 1, EXTENDED TYPE 0
N
SOLDER PINS WITH .100" SPACING
Signal traces cut except for common(s).
9
ANY COMBINATION OF TERMINATION CONFIGURATIONS OR SPECIAL TERMINATIONS. Specify on configuration form, page N-15 and consult Customer Service Center.
P
SOLDER PINS WITH .156" SPACING
PC Board 1/32" (0,79) thick. NOTE: All terminal holes shown may not be present for all function codes, consult Customer Service Center. Terminal connector available for termination options 0 & 1, see page N-14. NOTE: Termination option N (RoHS compliant) replaced termination option 3 (Non-RoHS compliant). Termination option P (RoHS compliant) replaced termination option B (Non-RoHS compliant).
Thumbwheel & Pushwheel
Terminal Location Numbers
FIG. 1 NOTE: See function codes, pages N-9 and N-10, for signal locations.
FIG. 2
COLOR/MARKING/STOPS
0
MATTE BLACK HOUSING (Gloss black wheel with white characters; no stops.)
NOTE: Stop pins are available separately, see page N-14.
SEAL
N
0 1 2 3
UNSEALED SWITCHING CONTACTS. SEALED SWITCHING CONTACTS. (Sealing is by means of an o-ring rotary seal and a cured-in-place elastomer gasket. Switching contact area is protected from moisture, oil, and airborne contaminants.) DUST LENS. (Protects the character face of the wheel from abrasion and dirt). SEALED SWITCHING CONTACTS AND DUST LENS
Dust Lens
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
N-12
www.ittcannon.com
C&K 3 Series Thumbwheel Switches
AVAILABLE HARDWARE
Blank sections, Type 0, .315 THK. Blank sections, Front mount, Type 0, .315 THK. Blank sections, Rear mount, Type 1, .350 THK.
4006
4008
PART NO.
PART NO.
PART NO.
413602000 W/RIB-BLACK 400502000 W/RIB & W/OUT SPRINGS-BLACK
413502000 PLAIN-BLACK 400702000 PLAIN & W/OUT SPRINGS-BLACK
End plates, Front mount, Type 0
400602000 W/RIB-BLACK 400802000 PLAIN-BLACK
End plates, Rear mount, Type 1
Blank sections, Rear mount, Type 2, .350 THK.
Thumbwheel & Pushwheel
4734
4733
PART NO.
473402000 W/RIB-BLACK
PART NO. PART NO. Two required for complete assembly.
473302000 PLAIN-BLACK
413402000 BLACK
400402000 BLACK
Two required for complete assembly.
End plates, Rear mount, Type 2
Spacers, Front mount, Type 0 & 3, .078 THK. (Makes section pitch 10mm)
Stop pins
N
PART NO.
PART NO. Two required for complete assembly.
PART NO.
473202000 BLACK
410802000 BLACK
402900000
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
N-13
www.ittcannon.com
C&K 3 Series Thumbwheel Switches
AVAILABLE HARDWARE
Terminal connector
605A00000
605A02000
PART NO.
605A00000 PC 605A02000 SOLDER LUG
Fits 0 & 1 terminations only.
Screws for field assembly of thumbwheel switches (2 screws needed per assembly + 403500000 nuts)
NUMBER OF SECTIONS IN ASSEMBLY FRONT MOUNTING SCREW PART NUMBER (0-80 UNF THD. SIZE) MTG. STYLE - 00 1-2 3-4 5-7 REAR MOUNTING MTG. STYLE - 10 1-2 3 4-6
412700000
Thumbwheel & Pushwheel
412701000 412702000
Nut
Nut driver (For 403500000 nut)
Two nuts required per assembly and screws.
PART NO.
PART NO.
403500000
406100652
N
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
N-14
www.ittcannon.com
C&K 3 Series Thumbwheel Switches
Configuration Form
GRAY SHADED AREAS TO BE FILLED IN BY CUSTOMER SERVICE. CATALOG PART NO. C&K PART NUMBER
C&K PART NUMBER
3
COMPANY NAME ADDRESS CUSTOMER CONTACT ORIGINATED BY TEL.# DATE SALES REP. CUSTOMER PRINT REVISION: DETAILS:
THUMBWHEEL SECTIONS
NO. OF SEC.
FUNCTION CODE - TERMINATIONS - COLOR/MARKING/STOPS/SEAL - ILLUMINATION
ENTER OPTION CODES IN APPROPRIATE BOXES. FUNCTION CODES INCLUDE BLANK SECTIONS (SEE PAGES M-9 & M-10).
DESCRIBE IN APPROPRIATE ROW
1 2 3 4 5 6 7 8 9 10 11
3- 3- 3- 3- 3- 3- 3- 3- 3- 3- 3-
-- -- -- -- -- -- -- -- -- -- -- PRODUCTION APPROVAL DATE
Thumbwheel & Pushwheel
QUALITY CONTROL INSTRUCTIONS
Q.C. APPROVAL
DATE
N
REV. INITIALS DATE
FOR SWITCHES WITH MORE THAN 11 SECTIONS, CONTINUE ON ADDITIONAL SHEETS.
SPECIAL INSTRUCTIONS OR SPECIFICATIONS:
SHEET _____ OF _____
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
N-15
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of 331100003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X